Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 51 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 51 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 47Page - SMSC Corporation LAN9500AI Datasheet HTML 48Page - SMSC Corporation LAN9500AI Datasheet HTML 49Page - SMSC Corporation LAN9500AI Datasheet HTML 50Page - SMSC Corporation LAN9500AI Datasheet HTML 51Page - SMSC Corporation LAN9500AI Datasheet HTML 52Page - SMSC Corporation LAN9500AI Datasheet HTML 53Page - SMSC Corporation LAN9500AI Datasheet HTML 54Page - SMSC Corporation LAN9500AI Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
51
Revision 1.1 (04-18-13)
DATASHEET
8.3.6
Customer Evaluation Board Operational Current Consumption***
***Total system current consumption as measured on the 5V USB VBUS input to a bus-powered
Customer Evaluation Board, where VBUS = 5.0V and VDD33IO = VDD33A = 3.3V.
Table 8.9 Operational Power Consumption/Dissipation (LAN9500A/LAN9500Ai)
PARAMETER
MIN
TYPICAL
MAX
UNIT
100BASE-TX Full Duplex (USB High-Speed)
Supply current (VDD33IO, VDD33A) (Device Only)
69
mA
Power Dissipation (Device Only)
228
mW
Power Dissipation (Device and Ethernet components)
367
mW
10BASE-T Full Duplex (USB High-Speed)
Supply current (VDD33IO, VDD33A) (Device Only)
45
mA
Power Dissipation (Device Only)
149
mW
Power Dissipation (Device and Ethernet components)
489
mW
100BASE-TX Full Duplex (USB Full-Speed)
Supply current (VDD33IO, VDD33A) (Device Only)
66
mA
Power Dissipation (Device Only)
218
mW
Power Dissipation (Device and Ethernet components)
356
mW
10BASE-T Full Duplex (USB Full-Speed)
Supply current (VDD33IO, VDD33A) (Device Only)
43
mA
Power Dissipation (Device Only)
142
mW
Power Dissipation (Device and Ethernet components)
483
mW
Table 8.10 CEB Operational Current Consumption (LAN9500/LAN9500i)
PARAMETER
MIN
TYPICAL
MAX
UNIT
100BASE-TX Full Duplex (USB High-Speed)
Total SMSC Customer Evaluation Board Current Consumption
208
mA
Table 8.11 CEB Operational Current Consumption (LAN9500A/LAN9500Ai)
PARAMETER
MIN
TYPICAL
MAX
UNIT
100BASE-TX Full Duplex (USB High-Speed)
Total SMSC Customer Evaluation Board Current Consumption
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com