Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 20 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 20 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 16Page - SMSC Corporation LAN9500AI Datasheet HTML 17Page - SMSC Corporation LAN9500AI Datasheet HTML 18Page - SMSC Corporation LAN9500AI Datasheet HTML 19Page - SMSC Corporation LAN9500AI Datasheet HTML 20Page - SMSC Corporation LAN9500AI Datasheet HTML 21Page - SMSC Corporation LAN9500AI Datasheet HTML 22Page - SMSC Corporation LAN9500AI Datasheet HTML 23Page - SMSC Corporation LAN9500AI Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
20
SMSC LAN950x Family
DATASHEET
1
Ethernet
Speed
Indicator LED
nSPD_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
operating speed is 100Mbs, or during auto-
negotiation. This pin is driven high during 10Mbs
operation, or during line isolation.
General
Purpose I/O
10
GPIO10
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai only)
This pin may serve as a wakeup pin
whose detection mode is selectable
when External PHY and PME modes of
operation are in effect. Refer to
Chapter 6, "PME Operation," on
page 41 for additional information.
Note:
By default this pin is configured as a
GPIO.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS_5V
(PD)
Detects state of upstream bus power.
For bus powered applications, this pin must be
tied to VDD33IO.
For self powered applications where the device is
permanently attached to a host, VBUS_DET
should be pulled to VDD33IO. For other self
powered applications, refer to the device
reference schematic for additional connection
information.
Note:
(LAN9500A/LAN9500Ai only)
This pin may be used to signal bus
power availability when PME mode of
operation is in effect. Refer to
Chapter 6, "PME Operation," on
page 41 for additional information.
1
Test 1
TEST1
-
This pin must always be connected to VDD33IO
for proper operation.
1
Test 2
TEST2
-
This pin must always be connected to VSS for
proper operation.
1
Test 3
TEST3
-
This pin must always be connected to VSS for
proper operation.
Table 3.4 Miscellaneous Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com