Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 14 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 14 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 10Page - SMSC Corporation LAN9500AI Datasheet HTML 11Page - SMSC Corporation LAN9500AI Datasheet HTML 12Page - SMSC Corporation LAN9500AI Datasheet HTML 13Page - SMSC Corporation LAN9500AI Datasheet HTML 14Page - SMSC Corporation LAN9500AI Datasheet HTML 15Page - SMSC Corporation LAN9500AI Datasheet HTML 16Page - SMSC Corporation LAN9500AI Datasheet HTML 17Page - SMSC Corporation LAN9500AI Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
14
SMSC LAN950x Family
DATASHEET
1
Management
Data
(External
PHY Mode)
MDIO
IS/O8
(PD)
In external PHY mode, this pin provides the
management data to/from the external PHY.
General
Purpose I/O 1
(Internal PHY
Mode Only)
GPIO1
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai only)
This pin may serve as the
PME_MODE_SEL input when Internal
PHY and PME modes of operation are
in effect. Refer to Chapter 6, "PME
Operation," on page 41 for additional
information.
1
Management
Clock
(External
PHY Mode)
MDC
O8
(PD)
In external PHY mode, this pin outputs the
management clock to the external PHY.
General
Purpose I/O 2
(Internal PHY
Mode Only)
GPIO2
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
1
Transmit Data
3
(External
PHY Mode)
TXD3
O8
(PU)
In external PHY mode, this pin functions as the
transmit data 3 output to the external PHY.
General
Purpose I/O 7
(Internal PHY
Mode Only)
GPIO7
IS/O8/
OD8
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai ONLY):
GPIO7 may provide additional PHY Link
Up related functionality.
EEPROM
Size
Configuration
Strap
EEP_SIZE
IS
(PU)
The EEP_SIZE strap selects the size of the
EEPROM attached to the device.
0 = 128 byte EEPROM is attached and a total of
seven address bits are used.
1 = 256/512 byte EEPROM is attached and a
total of nine address bits are used.
Note:
A 3-wire style 1K/2K/4K EEPROM that
is organized for 128 x 8-bit or 256/512 x
8-bit operation must be used.
See Note 3.1 for more information on
configuration straps.
Table 3.1 MII Interface Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com