Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 37 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 37 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation LAN9500AI Datasheet HTML 39Page - SMSC Corporation LAN9500AI Datasheet HTML 40Page - SMSC Corporation LAN9500AI Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
37
Revision 1.1 (04-18-13)
DATASHEET
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (Don’t Care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
27
Hi-Speed Device Descriptor Word Offset (27h)
Corresponds to EEPROM Byte Offset 4Eh
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
30
Hi-Speed Configuration and Interface Descriptor Word Offset (30h)
Corresponds to EEPROM Byte Offset 60h
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
39
Full-Speed Device Descriptor Word Offset (39h)
Corresponds to EEPROM Byte Offset 72h
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18bytes)
1Dh
42
Full-Speed Configuration and Interface Descriptor Word Offset (42h)
Corresponds to EEPROM Byte Offset 84h
1Eh
00
GPIO7:0 Wake Enables - GPIO7:0 Not Used For Wakeup Signaling
1Fh
04
GPIO10:8 Wake Enables - GPIO10 Used For Wakeup Signaling
20h
8A
GPIO PME Flags - PME Signaling Enabled via Low Level, Push-Pull
Driver, GPIO10 Active High Detection.
21h
00
PAD BYTE - Used To Align Following Descriptor on WORD Boundary
22h
0A
Size of Manufacturer ID String Descriptor (10 bytes)
23h
03
Descriptor Type (String Descriptor - 03h)
24h - 2Bh
53 00 4D 00 53 00 43 00 Manufacturer ID String (“SMSC” in UNICODE)
2Ch
12
Size of Product Name String Descriptor (18 bytes)
2Dh
03
Descriptor Type (String Descriptor - 03h)
2Eh - 3Dh
4C 00 41 00 4E 00 39 00
35 00 30 00 30 00
41 00
Product Name String (“LAN9500A” in UNICODE)
3Eh
10
Size of Serial Number String Descriptor (16 bytes)
3Fh
03
Descriptor Type (String Descriptor - 03h)
40h - 4Dh
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
4Eh
12
Size of Hi-Speed Device Descriptor in Bytes (18 bytes)
4Fh
01
Descriptor Type (Device Descriptor - 01h)
50h - 51h
00 02
USB Specification Number that the device complies with (0200h)
52h
FF
Class Code
Table 5.8 EEPROM Example - 256 Byte EEPROM - LAN9500A/LAN9500Ai (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com