Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 53 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 53 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 49Page - SMSC Corporation LAN9500AI Datasheet HTML 50Page - SMSC Corporation LAN9500AI Datasheet HTML 51Page - SMSC Corporation LAN9500AI Datasheet HTML 52Page - SMSC Corporation LAN9500AI Datasheet HTML 53Page - SMSC Corporation LAN9500AI Datasheet HTML 54Page - SMSC Corporation LAN9500AI Datasheet HTML 55Page - SMSC Corporation LAN9500AI Datasheet HTML 56Page - SMSC Corporation LAN9500AI Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
53
Revision 1.1 (04-18-13)
DATASHEET
Note 8.7
This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down
and pull-up resistors add +/- 50uA per-pin (typical).
Note 8.8
This is the total 5.5V input leakage for the entire device.
Note 8.9
XI can optionally be driven from a 25MHz single-ended clock oscillator.
Note 8.10 Measured at line side of transformer, line replaced by 100
Ω (+/- 1%) resistor.
Note 8.11 Offset from 16nS pulse width at 50% of pulse peak.
Note 8.12 Measured differentially.
Note 8.13 Min/max voltages guaranteed as measured with 100
Ω resistive load.
Table 8.13 100BASE-TX Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Peak Differential Output Voltage High
VPPH
950
-
1050
mVpk
Note 8.10
Peak Differential Output Voltage Low
VPPL
-950
-
-1050
mVpk
Note 8.10
Signal Amplitude Symmetry
VSS
98
-
102
%
Note 8.10
Signal Rise and Fall Time
TRF
3.0
-
5.0
nS
Note 8.10
Rise and Fall Symmetry
TRFS
--
0.5
nS
Note 8.10
Duty Cycle Distortion
DCD
35
50
65
%
Note 8.11
Overshoot and Undershoot
VOS
--
5
%
Jitter
1.4
nS
Note 8.12
Table 8.14 10BASE-T Transceiver Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Transmitter Peak Differential Output Voltage
VOUT
2.2
2.5
2.8
V
Note 8.13
Receiver Differential Squelch Threshold
VDS
300
420
585
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com