Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 63 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 63 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation LAN9500AI Datasheet HTML 60Page - SMSC Corporation LAN9500AI Datasheet HTML 61Page - SMSC Corporation LAN9500AI Datasheet HTML 62Page - SMSC Corporation LAN9500AI Datasheet HTML 63Page - SMSC Corporation LAN9500AI Datasheet HTML 64Page - SMSC Corporation LAN9500AI Datasheet HTML 65Page - SMSC Corporation LAN9500AI Datasheet HTML 66Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
63
Revision 1.1 (04-18-13)
DATASHEET
8.6
Clock Circuit
The device can accept either a 25MHz crystal (preferred) or a 25MHz single-ended clock oscillator (+/-
50ppm) input. If the single-ended clock oscillator method is implemented, XO should be left
unconnected and XI should be driven with a nominal 0-3.3V clock signal. The input clock duty cycle
is 40% minimum, 50% typical and 60% maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal
input/output signals (XI/XO). See Table 8.23 for the recommended crystal specifications.
Note 8.18 The maximum allowable values for Frequency Tolerance and Frequency Stability are
application dependant. Since any particular application must meet the IEEE +/-50 PPM
Total PPM Budget, the combination of these two values must be approximately +/-45 PPM
(allowing for aging).
Note 8.19 Frequency Deviation Over Time is also referred to as Aging.
Note 8.20 The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as
+/- 50 PPM.
Note 8.21 0oC for commercial version, -40oC for industrial version.
Note 8.22 +70oC for commercial version, +85oC for industrial version.
Note 8.23 This number includes the pad, the bond wire and the lead frame. PCB capacitance is not
included in this value. The XO/XI pin and PCB capacitance values are required to
accurately calculate the value of the two external load capacitors. These two external load
capacitors determine the accuracy of the 25.000 MHz frequency.
Table 8.23 Crystal Specifications
PARAMETER
SYMBOL
MIN
NOM
MAX
UNITS
NOTES
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-
25.000
-
MHz
Frequency Tolerance @ 25oCFtol
-
-
+/-50
PPM
Note 8.18
Frequency Stability Over Temp
Ftemp
-
-
+/-50
PPM
Note 8.18
Frequency Deviation Over Time
Fage
-
+/-3 to 5
-
PPM
Note 8.19
Total Allowable PPM Budget
-
-
+/-50
PPM
Note 8.20
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
300
-
-
uW
Equivalent Series Resistance
R1
--
50
Ohm
Operating Temperature Range
Note 8.21
-
Note 8.22
oC
XI Pin Capacitance
-
3 typ
-
pF
Note 8.23
XO Pin Capacitance
-
3 typ
-
pF
Note 8.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com