Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 62 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 62 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 58Page - SMSC Corporation LAN9500AI Datasheet HTML 59Page - SMSC Corporation LAN9500AI Datasheet HTML 60Page - SMSC Corporation LAN9500AI Datasheet HTML 61Page - SMSC Corporation LAN9500AI Datasheet HTML 62Page - SMSC Corporation LAN9500AI Datasheet HTML 63Page - SMSC Corporation LAN9500AI Datasheet HTML 64Page - SMSC Corporation LAN9500AI Datasheet HTML 65Page - SMSC Corporation LAN9500AI Datasheet HTML 66Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
62
SMSC LAN950x Family
DATASHEET
8.5.7
JTAG Timing
This section specifies the JTAG timing of the device.
Figure 8.9 JTAG Timing
Table 8.22 JTAG Timing Values
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
NOTES
ttckp
TCK clock period
66.67
ns
ttckhl
TCK clock high/low time
ttckp*0.4
ttckp*0.6
ns
tsu
TDI, TMS setup to TCK rising edge
10
ns
th
TDI, TMS hold from TCK rising edge
10
ns
tdov
TDO output valid from TCK falling edge
16
ns
tdoinvld
TDO output invalid from TCK falling edge
0
ns
TCK (Input)
TDI, TMS (Inputs)
ttckhl
ttckp
ttckhl
tsu
th
tdov
TDO (Output)
tdoh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com