Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 30 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 30 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 26Page - SMSC Corporation LAN9500AI Datasheet HTML 27Page - SMSC Corporation LAN9500AI Datasheet HTML 28Page - SMSC Corporation LAN9500AI Datasheet HTML 29Page - SMSC Corporation LAN9500AI Datasheet HTML 30Page - SMSC Corporation LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
30
SMSC LAN950x Family
DATASHEET
5.2
EEPROM Defaults
The signature value of 0xA5 is stored at address 0. A different signature value indicates to the
EEPROM controller that no EEPROM or an un-programmed EEPROM is attached to the device. In
this case, the hardware default values are used, as shown in Table 5.4.
Note: The Configuration Flags are affected by the PWR_SEL and RMT_WKP straps.
1
GPIO10 Detection Select
This bit selects the detection mode for GPIO10 when operating in PME mode. In PME mode, GPIO10
is usable in both Internal and External PHY mode as a wakeup pin. This parameter defines whether
the wakeup should occur on an active high or active low signal.
0 = Active-low detection for GPIO10.
1 = Active-high detection for GPIO10.
Note:
If GPIO PME Enable is 0, this bit is ignored.
0
RESERVED
Table 5.4 EEPROM Defaults
FIELD
DEFAULT VALUE
MAC Address
FFFFFFFFFFFFh
Full-Speed Polling Interval (mS)
01h
Hi-Speed Polling Interval (mS)
04h
Configuration Flags
04h
Maximum Power (mA)
FAh
Vendor ID
0424h
Product ID
Table 5.3 GPIO PME Flags (continued)
BITS
DESCRIPTION
DEVICE
PRODUCT ID
LAN9500/LAN9500i
9500h
LAN9500A/LAN9500Ai
9E00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com