Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 45 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 45 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 41Page - SMSC Corporation LAN9500AI Datasheet HTML 42Page - SMSC Corporation LAN9500AI Datasheet HTML 43Page - SMSC Corporation LAN9500AI Datasheet HTML 44Page - SMSC Corporation LAN9500AI Datasheet HTML 45Page - SMSC Corporation LAN9500AI Datasheet HTML 46Page - SMSC Corporation LAN9500AI Datasheet HTML 47Page - SMSC Corporation LAN9500AI Datasheet HTML 48Page - SMSC Corporation LAN9500AI Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
45
Revision 1.1 (04-18-13)
DATASHEET
Chapter 7 NetDetach Operation
NetDetach operation is supported only by LAN9500A/LAN9500Ai
.
NetDetach is a mode of operation where the device detaches from the USB bus after the Ethernet
cable is disconnected. This is advantageous for mobile devices, as an attached USB device may
prevent the Host CPU from entering the APCI C3 state. Allowing the CPU to enter the C3 state
maximizes battery life, as the C3 state is the lowest of the four APCI power states.
When detached, the device is in a low power state. After the Ethernet cable is reconnected, or a
programmed GPIO pin asserts, the device automatically attaches to the USB bus. GPIO pin assertion
is supported so that this feature can be used with external PHY mode. In this case, the external PHY’s
link LED would be connected to a GPIO.
Figure 7.1 Device Detach
USB Electricals Detach
Remove Ethernet Cable
1
...ZZZ
2
Battery-powered Netbook PC
may enter C3 sleep mode
3
Ethernet
SMSC
LAN9500A/
LAN9500Ai



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com