Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 27Page - SMSC Corporation LAN9500AI Datasheet HTML 28Page - SMSC Corporation LAN9500AI Datasheet HTML 29Page - SMSC Corporation LAN9500AI Datasheet HTML 30Page - SMSC Corporation LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
31
Revision 1.1 (04-18-13)
DATASHEET
5.3
EEPROM Auto-Load
Certain system level resets (USB reset, POR, nRESET, and SRST) cause the EEPROM contents to
be loaded into the device. After a reset, the EEPROM controller attempts to read the first byte of data
from the EEPROM. If the value 0xA5 is read from the first address, then the EEPROM controller will
assume that an external Serial EEPROM is present.
Note: The USB reset only loads the MAC address.
5.4
Examples of EEPROM Format Interpretation
5.4.1
LAN9500/LAN9500i
Table 5.5 and Table 5.6 provide an example of how the contents of a EEPROM are formatted in the
case of LAN9500/LAN9500i. Table 5.5 is a dump of the EEPROM memory (256-byte EEPROM), while
Table 5.6 illustrates, byte by byte, how the EEPROM is formatted.
Table 5.5 Dump of EEPROM Memory - LAN9500/LAN9500i
OFFSET
BYTE
VALUE
0000h
A5 12 34 56 78 9A BC 01
0008h
04 04 09 04 0A 0F 10 14
0010h
10 1C 00 00 00 00 12 24
0018h
12 2D 12 36 12 3F 0A 03
0020h
53 00 4D 00 53 00 43 00
0028h
10 03 4C 00 41 00 4E 00
0030h
39 00 35 00 30 00 30 00
0038h
10 03 30 00 30 00 30 00
0040h
35 00 31 00 32 00 33 00
0048h
12 01 00 02 FF 00 01 40
0050h
24 04 00 95 00 01 01 02
0058h
03 01 09 02 27 00 01 01
0060h
00 A0 FA 09 04 00 00 03
0068h
FF 00 FF 00 12 01 00 02
0070h
FF 00 01 40 24 04 00 95
0078h
00 01 01 02 03 01 09 02
0080h
27 00 01 01 00 A0 FA 09
0088h
04 00 00 03 FF 00 FF 00
0090h - 00FFh
..............................................



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com