Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 8Page - SMSC Corporation LAN9500AI Datasheet HTML 9Page - SMSC Corporation LAN9500AI Datasheet HTML 10Page - SMSC Corporation LAN9500AI Datasheet HTML 11Page - SMSC Corporation LAN9500AI Datasheet HTML 12Page - SMSC Corporation LAN9500AI Datasheet HTML 13Page - SMSC Corporation LAN9500AI Datasheet HTML 14Page - SMSC Corporation LAN9500AI Datasheet HTML 15Page - SMSC Corporation LAN9500AI Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
12
SMSC LAN950x Family
DATASHEET
Chapter 3 Pin Description and Configuration
Note: ** This pin is a no-connect (NC) for LAN9500A/LAN9500Ai, but may be connected to VDD33A
for backward compatibility with LAN9500/LAN9500i.
Note: *** For LAN9500A/LAN9500Ai this pin provides additional PME related functionality. Refer to
the respective pin descriptions and Chapter 6, "PME Operation," on page 41 for additional
information.
Note: **** For LAN9500A/LAN9500Ai GPIO7 may provide additional PHY Link Up related
functionality.
Note: When HP Auto-MDIX is activated, the TXN/TXP pins can function as RXN/RXP and vice-versa.
Note: Exposed pad (VSS) on bottom of package must be connected to ground.
Figure 3.1 Pin Assignments (TOP VIEW)
VSS
SMSC
LAN950x
56 PIN QFN
(TOP VIEW)
TXEN
nSPD_LED/GPIO10 ***
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
RXER
CRS/GPIO3
COL/GPIO0 ***
TXCLK
VDD33IO
TEST1
VDDCORE
VDD33IO
VDD33IO
TXD3/GPIO7/EEP_SIZE ****
TXD2/GPIO6/PORT_SWAP
TXD1/GPIO5/RMT_WKP
TXD0/GPIO4/EEP_DISABLE
nLNKA_LED/GPIO9 ***
nFDX_LED/GPIO8 ***
VDD33IO
nRESET ***
MDIO/GPIO1 ***
MDC/GPIO2
VDDCORE
VBUS_DET ***
XO
XI
VDDUSBPLL
USBRBIAS
VDD33A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com