Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 36 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 36 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation LAN9500AI Datasheet HTML 39Page - SMSC Corporation LAN9500AI Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
36
SMSC LAN950x Family
DATASHEET
0050h
00 02 FF 00 FF 40 24 04
0058h
00 9E 00 01 01 02 03 01
0060h
09 02 27 00 01 01 00 A0
0068h
FA 09 04 00 00 03 FF 00
0070h
FF 00 12 01 00 02 FF 00
0078h
FF 40 24 04 00 9E 00 01
0080h
01 02 03 01 09 02 27 00
0088h
01 01 00 A0 FA 09 04 00
0090h - 00FFh
00 03 FF 00 FF 00 .........
Table 5.8 EEPROM Example - 256 Byte EEPROM - LAN9500A/LAN9500Ai
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION
00h
A5
EEPROM Programmed Indicator
01h - 06h
12 34 56 78 9A BC
MAC Address 12 34 56 78 9A BC
07h
01
Full-Speed Polling Interval for Interrupt Endpoint (1ms)
08h
04
Hi-Speed Polling Interval for Interrupt Endpoint (4ms)
09h
04
Configuration Flags - No PHY Boost, the device is bus powered and
supports remote wakeup, nSPD_LED = Speed Indicator, nLNKA_LED =
Link and Activity Indicator, nFDX_LED = Full Duplex Link Indicator.
0Ah - 0Bh
09 04
Language ID Descriptor 0409h, English
0Ch
0A
Manufacturer ID String Descriptor Length (10 bytes)
0Dh
11
Manufacturer ID String Descriptor EEPROM Word Offset (11h)
Corresponds to EEPROM Byte Offset 22h
0Eh
12
Product Name String Descriptor Length (18 bytes)
0Fh
16
Product Name String Descriptor EEPROM Word Offset (16h)
Corresponds to EEPROM Byte Offset 2Ch
10h
10
Serial Number String Descriptor Length (16 bytes)
11h
1F
Serial Number String Descriptor EEPROM Word Offset (1Fh)
Corresponds to EEPROM Byte Offset 3Eh
12h
00
Configuration String Descriptor Length (0 bytes - NA)
13h
00
Configuration String Descriptor Word Offset (Don’t Care)
Table 5.7 Dump of EEPROM Memory - LAN9500A/LAN9500Ai (continued)
OFFSET
BYTE
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com