Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation LAN9500AI Datasheet HTML 39Page - SMSC Corporation LAN9500AI Datasheet HTML 40Page - SMSC Corporation LAN9500AI Datasheet HTML 41Page - SMSC Corporation LAN9500AI Datasheet HTML 42Page - SMSC Corporation LAN9500AI Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
39
Revision 1.1 (04-18-13)
DATASHEET
76h
FF
Class Code
77h
00
Subclass Code
78h
FF
Protocol Code
79h
40
Maximum Packet Size for Endpoint 0
7Ah - 7Bh
24 04
Vendor ID (0424h)
7Ch - 7Dh
00 9E
Product ID (9E00h)
7Eh - 7Fh
00 01
Device Release Number (0100h)
80h
01
Index of Manufacturer String Descriptor
81h
02
Index of Product String Descriptor
82h
03
Index of Serial Number String Descriptor
83h
01
Number of Possible Configurations
84h
09
Size of Full-Speed Configuration Descriptor in bytes (9 bytes)
85h
02
Descriptor Type (Configuration Descriptor - 02h)
86h - 87h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
88h
01
Number of Interfaces
89h
01
Value to use as an argument to select this configuration
8Ah
00
Index of String Descriptor describing this configuration
8Bh
A0
Bus powered and remote wakeup enabled
8Ch
FA
Maximum Power Consumption is 500 mA
8Dh
09
Size of Full-Speed Interface Descriptor in Bytes (9 Bytes)
8Eh
04
Descriptor Type (Interface Descriptor - 04h)
8Fh
00
Number identifying this Interface
90h
00
Value used to select alternative setting
91h
03
Number of Endpoints used for this interface (Less endpoint 0)
92h
FF
Class Code
93h
00
Subclass Code
94h
FF
Protocol Code
95h
00
Index of String Descriptor Describing this interface
96h - FFh
-
Data storage for use by Host as desired
Table 5.8 EEPROM Example - 256 Byte EEPROM - LAN9500A/LAN9500Ai (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com