Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation LAN9500AI Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
35
Revision 1.1 (04-18-13)
DATASHEET
5.4.2
LAN9500A/LAN9500Ai
Table 5.7 and Table 5.8 provide an example of how the contents of a EEPROM are formatted in the
case of LAN9500A/LAN9500Ai. Table 5.7 is a dump of the EEPROM memory (256-byte EEPROM),
while Table 5.8 illustrates, byte by byte, how the EEPROM is formatted.
85h
A0
Bus powered and remote wakeup enabled
86h
FA
Maximum Power Consumption is 500 mA
87h
09
Size of Full-Speed Interface Descriptor in Bytes (9 Bytes)
88h
04
Descriptor Type (Interface Descriptor - 04h)
89h
00
Number identifying this Interface
8Ah
00
Value used to select alternative setting
8Bh
03
Number of Endpoints used for this interface (Less endpoint 0)
8Ch
FF
Class Code
8Dh
00
Subclass Code
8Eh
FF
Protocol Code
8Fh
00
Index of String Descriptor Describing this interface
90h- FFh
-
Data storage for use by Host as desired
Table 5.7 Dump of EEPROM Memory - LAN9500A/LAN9500Ai
OFFSET
BYTE
VALUE
0000h
A5 12 34 56 78 9A BC 01
0008h
04 04 09 04 0A 11 12 16
0010h
10 1F 00 00 00 00 12 27
0018h
12 30 12 39 12 42 00 04
0020h
8A 00 0A 03 53 00 4D 00
0028h
53 00 43 00 12 03 4C 00
0030h
41 00 4E 00 39 00 35 00
0038h
30 00 30 00 41 00 10 03
0040h
30 00 30 00 30 00 35 00
0048h
31 00 32 00 33 00 12 01
Table 5.6 EEPROM Example - 256 Byte EEPROM - LAN9500/LAN9500i (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com