Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 38 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 38 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation LAN9500AI Datasheet HTML 39Page - SMSC Corporation LAN9500AI Datasheet HTML 40Page - SMSC Corporation LAN9500AI Datasheet HTML 41Page - SMSC Corporation LAN9500AI Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
38
SMSC LAN950x Family
DATASHEET
53h
00
Subclass Code
54h
FF
Protocol Code
55h
40
Maximum Packet Size for Endpoint 0
56h - 57h
24 04
Vendor ID (0424h)
58h - 59h
00 9E
Product ID (9E00h)
5Ah - 5Bh
00 01
Device Release Number (0100h)
5Ch
01
Index of Manufacturer String Descriptor
5Dh
02
Index of Product String Descriptor
5Eh
03
Index of Serial Number String Descriptor
5Fh
01
Number of Possible Configurations
60h
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
61h
02
Descriptor Type (Configuration Descriptor - 02h)
62h - 63h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
64h
01
Number of Interfaces
65h
01
Value to use as an argument to select this configuration
66h
00
Index of String Descriptor describing this configuration
67h
A0
Bus powered and remote wakeup enabled
68h
FA
Maximum Power Consumption is 500 mA
69h
09
Size of Descriptor in Bytes (9 Bytes)
6Ah
04
Descriptor Type (Interface Descriptor - 04h)
6Bh
00
Number identifying this Interface
6Ch
00
Value used to select alternative setting
6Dh
03
Number of Endpoints used for this interface (Less endpoint 0)
6Eh
FF
Class Code
6Fh
00
Subclass Code
70h
FF
Protocol Code
71h
00
Index of String Descriptor Describing this interface
72h
12
Size of Full-Speed Device Descriptor in Bytes (18 Bytes)
73h
01
Descriptor Type (Device Descriptor - 01h)
74h - 75h
00 02
USB Specification Number that the device complies with (0200h)
Table 5.8 EEPROM Example - 256 Byte EEPROM - LAN9500A/LAN9500Ai (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com