Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 28Page - SMSC Corporation LAN9500AI Datasheet HTML 29Page - SMSC Corporation LAN9500AI Datasheet HTML 30Page - SMSC Corporation LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
32
SMSC LAN950x Family
DATASHEET
Table 5.6 EEPROM Example - 256 Byte EEPROM - LAN9500/LAN9500i
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION
00h
A5
EEPROM Programmed Indicator
01h - 06h
12 34 56 78 9A BC
MAC Address 12 34 56 78 9A BC
07h
01
Full-Speed Polling Interval for Interrupt Endpoint (1ms)
08h
04
Hi-Speed Polling Interval for Interrupt Endpoint (4ms)
09h
04
Configuration Flags - The device is bus powered and supports remote
wakeup.
0Ah - 0Bh
09 04
Language ID Descriptor 0409h, English
0Ch
0A
Manufacturer ID String Descriptor Length (10 bytes)
0Dh
0F
Manufacturer ID String Descriptor EEPROM Word Offset (0Fh)
Corresponds to EEPROM Byte Offset 1Eh
0Eh
10
Product Name String Descriptor Length (16 bytes)
0Fh
14
Product Name String Descriptor EEPROM Word Offset (14h)
Corresponds to EEPROM Byte Offset 28h
10h
10
Serial Number String Descriptor Length (16 bytes)
11h
1C
Serial Number String Descriptor EEPROM Word Offset (1Ch)
Corresponds to EEPROM Byte Offset 38h
12h
00
Configuration String Descriptor Length (0 bytes - NA)
13h
00
Configuration String Descriptor Word Offset (Don’t Care)
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (Don’t Care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
24
Hi-Speed Device Descriptor Word Offset (24h)
Corresponds to EEPROM Byte Offset 48h
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
2D
Hi-Speed Configuration and Interface Descriptor Word Offset (2Dh)
Corresponds to EEPROM Byte Offset 5Ah
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
36
Full-Speed Device Descriptor Word Offset (36h)
Corresponds to EEPROM Byte Offset 6Ch
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18bytes)
1Dh
3F
Full-Speed Configuration and Interface Descriptor Word Offset (3Fh)
Corresponds to EEPROM Byte Offset 7Eh
1Eh
0A
Size of Manufacturer ID String Descriptor (10 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com