Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500AI Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 29Page - SMSC Corporation LAN9500AI Datasheet HTML 30Page - SMSC Corporation LAN9500AI Datasheet HTML 31Page - SMSC Corporation LAN9500AI Datasheet HTML 32Page - SMSC Corporation LAN9500AI Datasheet HTML 33Page - SMSC Corporation LAN9500AI Datasheet HTML 34Page - SMSC Corporation LAN9500AI Datasheet HTML 35Page - SMSC Corporation LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
33
Revision 1.1 (04-18-13)
DATASHEET
1Fh
03
Descriptor Type (String Descriptor - 03h)
20h-27h
53 00 4D 00 53 00 43 00 Manufacturer ID String (“SMSC” in UNICODE)
28h
10
Size of Product Name String Descriptor (16 bytes)
29h
03
Descriptor Type (String Descriptor - 03h)
2Ah-37h
4C 00 41 00 4E 00 39 00
35 00 30 00 30 00
Product Name String (“LAN9500” in UNICODE)
38h
10
Size of Serial Number String Descriptor (16 bytes)
39h
03
Descriptor Type (String Descriptor - 03h)
3Ah-47h
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
48h
12
Size of Hi-Speed Device Descriptor in Bytes (18 bytes)
49h
01
Descriptor Type (Device Descriptor - 01h)
4Ah-4Bh
00 02
USB Specification Number that the device complies with (0200h)
4Ch
FF
Class Code
4Dh
00
Subclass Code
4Eh
01
Protocol Code
4Fh
40
Maximum Packet Size for Endpoint 0
50h-51h
24 04
Vendor ID (0424h)
52h-53h
00 95
Product ID (9500h)
54h-55h
00 01
Device Release Number (0100h)
56h
01
Index of Manufacturer String Descriptor
57h
02
Index of Product String Descriptor
58h
03
Index of Serial Number String Descriptor
59h
01
Number of Possible Configurations
5Ah
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
5Bh
02
Descriptor Type (Configuration Descriptor - 02h)
5Ch-5Dh
27 00
Total length in bytes of data returned (0027h = 39 bytes)
5Eh
01
Number of Interfaces
5Fh
01
Value to use as an argument to select this configuration
60h
00
Index of String Descriptor describing this configuration
61h
A0
Bus powered and remote wakeup enabled
Table 5.6 EEPROM Example - 256 Byte EEPROM - LAN9500/LAN9500i (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com