Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555DT Datasheet (PDF) - STMicroelectronics

SA555DT Datasheet PDF - STMicroelectronics
Part # SA555DT
Download  SA555DT Download
File Size   1183.1 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description General-purpose single bipolar timers

SA555DT Datasheet (PDF)

Go To PDF Page Download Datasheet
SA555DT Datasheet PDF - STMicroelectronics

Part # SA555DT
Download  SA555DT Click to download

File Size   1183.1 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description General-purpose single bipolar timers

SA555DT Datasheet (HTML) - STMicroelectronics


SA555DT Product details

Description
The NE555, SA555, and SE555 monolithic timing circuits are highly stable controllers capable of producing accurate time delays or oscillation. In the time delay mode of operation, the time is precisely controlled by one external resistor and capacitor. For a stable operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor.
The circuit may be triggered and reset on falling waveforms, and the output structure can source or sink up to 200 mA.

Features
■ Low turn-off time
■ Maximum operating frequency greater than
   500 kHz
■ Timing from microseconds to hours
■ Operates in both astable and monostable
   modes
■ Output can source or sink up to 200 mA
■ Adjustable duty cycle
■ TTL compatible
■ Temperature stability of 0.005% per °C




Similar Part No. - SA555DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
More results


Similar Description - SA555DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
Jun-2003
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com