Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555DT Datasheet(PDF) 5 Page - STMicroelectronics

Part # SA555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555DT Datasheet(HTML) 5 Page - STMicroelectronics

  SA555DT Datasheet HTML 1Page - STMicroelectronics SA555DT Datasheet HTML 2Page - STMicroelectronics SA555DT Datasheet HTML 3Page - STMicroelectronics SA555DT Datasheet HTML 4Page - STMicroelectronics SA555DT Datasheet HTML 5Page - STMicroelectronics SA555DT Datasheet HTML 6Page - STMicroelectronics SA555DT Datasheet HTML 7Page - STMicroelectronics SA555DT Datasheet HTML 8Page - STMicroelectronics SA555DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NE555 - SA555 - SE555
Electrical characteristics
Doc ID 2182 Rev 6
5/20
VOH
High level output voltage
VCC = +15 VIO(sink) = 200 mA
IO(sink) = 100 mA
VCC = +5 V IO(sink) = 100 mA
13
3
12.5
13.3
3.3
12.7
5
2.75
12.5
13.3
3.3
V
Idis(off)
Discharge pin leakage current
(output high) Vdis = 10 V
20
100
20
100
nA
Vdis(sat)
Discharge pin saturation voltage
(output low) (4)
VCC = +15V, Idis = 15 mA
VCC = +5V, Idis = 4.5 mA
180
80
480
200
180
80
480
200
mV
tr
tf
Output rise time
Output fall time
100
100
200
200
100
100
300
300
ns
toff
Turn off time (5) (Vreset = VCC)0.5
0.5
µs
1.
Tested at VCC = +5 V and VCC = +15 V.
2.
This will determine the maximum value of RA + RB for 15 V operation. The maximum total (RA + RB) is 20 MΩ for +15 V
operation and 3.5 M
Ω for +5 V operation.
3.
Specified with trigger input high.
4.
No protection against excessive pin 7 current is necessary, providing the package dissipation rating is not exceeded.
5.
Time measured from a positive pulse (from 0 V to 0.8 x VCC) on the threshold pin to the transition from high to low on the
output pin. Trigger is tied to threshold.
Table 3.
Tamb = +25° C, VCC = +5 V to +15 V (unless otherwise specified) (continued)
Symbol
Parameter
SE555
NE555 - SA555
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com