Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555DT Datasheet(PDF) 14 Page - STMicroelectronics

Part # SA555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555DT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SA555DT Datasheet HTML 10Page - STMicroelectronics SA555DT Datasheet HTML 11Page - STMicroelectronics SA555DT Datasheet HTML 12Page - STMicroelectronics SA555DT Datasheet HTML 13Page - STMicroelectronics SA555DT Datasheet HTML 14Page - STMicroelectronics SA555DT Datasheet HTML 15Page - STMicroelectronics SA555DT Datasheet HTML 16Page - STMicroelectronics SA555DT Datasheet HTML 17Page - STMicroelectronics SA555DT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application information
NE555 - SA555 - SE555
14/20
Doc ID 2182 Rev 6
Figure 21.
50% duty cycle oscillator
Note that this circuit will not oscillate if RB is greater than 1/2 RA because the junction of RA
and RB cannot bring pin 2 down to 1/3 VCC and trigger the lower comparator.
4.6
Additional information
Adequate power supply bypassing is necessary to protect associated circuitry. The
minimum recommended is 0.1 µF in parallel with 1 µF electrolytic.
Out
RA
C
NE555
2
4
3
1
5
6
7
8
VCC
51k
Ω
RB
22k
Ω
0.01
μF
VCC
0.01
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com