Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA555DT Datasheet(PDF) 11 Page - STMicroelectronics

Part # SA555DT
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SA555DT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SA555DT Datasheet HTML 7Page - STMicroelectronics SA555DT Datasheet HTML 8Page - STMicroelectronics SA555DT Datasheet HTML 9Page - STMicroelectronics SA555DT Datasheet HTML 10Page - STMicroelectronics SA555DT Datasheet HTML 11Page - STMicroelectronics SA555DT Datasheet HTML 12Page - STMicroelectronics SA555DT Datasheet HTML 13Page - STMicroelectronics SA555DT Datasheet HTML 14Page - STMicroelectronics SA555DT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NE555 - SA555 - SE555
Application information
Doc ID 2182 Rev 6
11/20
Figure 16.
Waveforms in astable operation
Figure 17.
Free running frequency versus R1, R2 and C1
t = 0.5 ms / div
OUTPUT VOLTAGE = 5.0V/div
CAPACITOR VOLTAGE = 1.0V/div
R1 = R2 = 4.8k
Ω, C1= 0.1μF, R = 1kΩ
L
C
(
μF)
10
1.0
0.1
0.01
0.001
0.1
1
10
100
1k
10k
f (Hz)
o
1M
Ω
R
1
+
R
2
=
10
MΩ
10
0kΩ
10
kΩ
1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com