Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNx12RG Datasheet (PDF) - STMicroelectronics

TYNx12RG Datasheet PDF - STMicroelectronics
Part # TYNx12RG
Download  TYNx12RG Download
File Size   156.56 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive and standard 12 A SCRs

TYNx12RG Datasheet (PDF)

Go To PDF Page Download Datasheet
TYNx12RG Datasheet PDF - STMicroelectronics

Part # TYNx12RG
Download  TYNx12RG Click to download

File Size   156.56 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive and standard 12 A SCRs

TYNx12RG Datasheet (HTML) - STMicroelectronics


TYNx12RG Product details

DESCRIPTION
The TYN/TXN 0512 ---> TYN/TXN 1012 Family of Silicon Controlled Rectifiers uses a high per
formance glass passivated technology. This general purpose Family of Silicon Controlled Rectifiers is designed for power supplies up to 400Hz on resistive or inductive load.

.HIGH SURGE CAPABILITY
.HIGH ON-STATE CURRENT
.HIGH STABILITY AND RELIABILITY
.TXN Serie :
INSULATED VOLTAGE = 2500V
(RMS)
(UL RECOGNIZED : E81734)
FEATURES




Similar Part No. - TYNx12RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX12RG STMICROELECTRONICS-TYNX12RG Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
More results


Similar Description - TYNx12RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
Sensitive and standard 8 A SCRs
22-Jan-2010
logo
Nell Semiconductor Co.,...
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
Sensitive and Standard SCRs, 8A
logo
STMicroelectronics
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
Sensitive and Standard SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com