Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNx12RG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYNx12RG
Description  Sensitive and standard 12 A SCRs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNx12RG Datasheet(HTML) 4 Page - STMicroelectronics

  TYNx12RG Datasheet HTML 1Page - STMicroelectronics TYNx12RG Datasheet HTML 2Page - STMicroelectronics TYNx12RG Datasheet HTML 3Page - STMicroelectronics TYNx12RG Datasheet HTML 4Page - STMicroelectronics TYNx12RG Datasheet HTML 5Page - STMicroelectronics TYNx12RG Datasheet HTML 6Page - STMicroelectronics TYNx12RG Datasheet HTML 7Page - STMicroelectronics TYNx12RG Datasheet HTML 8Page - STMicroelectronics TYNx12RG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
TN1215, TS1220, TYN612, TYN812, TYN1012
4/13
Doc ID 7475 Rev 7
Figure 3.
Average and D.C. on-state current
versus ambient temperature
(DPAK)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
(A)
T(AV)
T
(°C)
amb
α = 180°
D.C.
DPAK
2
DPAK
Device mounted on FR4 with
recommended pad layout
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (DPAK)
Figure 6.
Relative variation of gate trigger
and holding current versus junction
temperature for TS1220 series
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
DPAK
TO-220AB / IPAK
DPAK
2
Device mounted on FR4 with
recommended pad layout
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & I
R
= 1k
L
GK
Ω
Figure 7.
Relative variation of gate trigger
and holding current versus junction
temperature
Figure 8.
Relative variation of holding
current versus gate-cathode
resistance (typical values)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
T (°C)
j
IGT
IH & IL
TN1215 and TYNx12 Series
1E-2
1E-1
1E+0
1E+1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R(k )
GK
Ω
I [R
] / I [
=1k ]
HGK
H
Ω
RGK
Tj = 25°C
TS1220 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com