Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-260L Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-260L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-260L
Download  HCPL-260L Download
File Size   333.17 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption

HCPL-260L Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-260L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-260L
Download  HCPL-260L Click to download

File Size   333.17 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption

HCPL-260L Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-260L Product details

Description

The HCPL-260L/060L/263L/063L are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable in put allows the detector to be strobed. The output of the detector IC is an open collector Schottky-clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 15 kV/μs at 3.3V.

This unique design provides maximum AC and DC circuit isolation while achieving LVTTL/LVCMOS compati-bili ty. The optocoupler AC and DC operational parameters are guaranteed from –40°C to +85°C allowing trouble free system performance.



Features

• 3.3V/5V Dual Supply Voltages

• Low power consumption

• 15 kV/μs minimum Common Mode Rejection (CMR) at VCM = 1000 V

• High speed: 15 MBd typical

• LVTTL/LVCMOS compatible

• Low input current capability: 5 mA

• Guaranteed AC and DC performance over temperature: –40°C to +85°C

• Available in 8-pin DIP, SOIC-8

• Strobable output (single channel products only)

• Safety approvals: UL, CSA, IEC/EN/DIN EN 60747-5-2



Applications

• Isolated line receiver

• Computer-peripheral interfaces

• Microprocessor system interfaces

• Digital isolation for A/D, D/A conversion

• Switching power supply

• Instrument input/output isolation

• Ground loop elimination

• Pulse transformer replacement

• Field buses



 




Similar Part No. - HCPL-260L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-260L HP-HCPL-260L Datasheet
187Kb / 14P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Broadcom Corporation.
HCPL-260L BOARDCOM-HCPL-260L Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results


Similar Description - HCPL-260L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com