Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL270L Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL270L Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL270L
Download  HCPL270L Download
File Size   184.56 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers

HCPL270L Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL270L Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL270L
Download  HCPL270L Click to download

File Size   184.56 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers

HCPL270L Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL270L Product details

Description
These high gain series couplers use a Light Emitting Diode and an integrated high gain photodetector to provide extremely high current transfer ratio between input and output.
   
Features
• Low power consumption
• High current transfer ratio
• Low input current requirements –
    0.5 mA
• LVTTL/LVCMOS compatible output
• Performance guaranteed over
    temperature 0˚C to +70˚C
• Base access allows gain
    bandwidth adjustment
• High output current – 60 mA
• Safety approval, UL, VDE, CSA
    (pending)
   
Applications
• Ground isolate most logic
    families – LVTTL/LVCMOS
• Low input current line receiver
• High voltage insulation
• EIA RS-232C line receiver
• Telephone ring detector
• 117 V AC line voltage status
    indicator – low input power
    dissipation
• Low power systems – ground
    isolation
   




Similar Part No. - HCPL270L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2730 HP-HCPL2730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL2730 FAIRCHILD-HCPL2730 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2730 FAIRCHILD-HCPL2730 Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
Low current ??0.5mA
More results


Similar Description - HCPL270L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com