Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-050L Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-050L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-050L
Download  HCPL-050L Download
File Size   281.81 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)

HCPL-050L Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-050L Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-050L
Download  HCPL-050L Click to download

File Size   281.81 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)

HCPL-050L Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-050L Product details

Description

These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base collector capacitance.



Features

• 3.3V/5V Dual Supply Voltages

• Low power consumption

• High speed: 1 Mb/s

• LVTTL/LVCMOS compatible

• Available in 8-pin DIP, SO-8

• Open collector output

• Guaranteed performance from temperature: 0˚C to +70˚C

• Safety approval, UL, CSA, IEC/EN/DIN EN 60747-5-2



Applications

• High voltage insulation

• Video signal isolation

• Power translator isolation in motor drives

• Line receivers

• Feedback element in switched mode power supplies

• High speed logic ground isolation – LVTTL/LVCMOS

• Replaces pulse transformers

• Replaces slow phototransistor isolators




Similar Part No. - HCPL-050L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
Low power consumption
logo
Agilent(Hewlett-Packard...
HCPL-050L-060 HP-HCPL-050L-060 Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-050L-500 HP-HCPL-050L-500 Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-050L-XXXE HP-HCPL-050L-XXXE Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Similar Description - HCPL-050L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
ON Semiconductor
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com