Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-050L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-050L
Description  LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-050L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-050L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-050L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Ordering Information
HCPL-250L, HCPL-253L, HCPL-050L and HCPL-053L are UL Recognized with 3750 Vrms for 1 minute per UL1577 and
are approved under CSA Component Acceptance Notice #5, File CA 88324.
Option
Part
RoHS
non RoHS
Surface
Gull
Tape
UL 5000 Vrms/
IEC/EN/DIN
Number
Compliant
Compliant
Package
Mount
Wing
& Reel
1 Minute rating
EN 60747-5-2 Quantity
-000E
no option
300 mil DIP-8
50 per tube
-300E
-300
X
X
50 per tube
-500E
-500
X
X
X
1000 per reel
HCPL-250L -020E
-020
X
50 per tube
HCPL-253L -320E
-320
X
X
X
50 per tube
-520E
-520
X
X
X
X
1000 per reel
-060E
-060
X
50 per tube
-360E
-360
X
X
X
50 per tube
-560E
-560
X
X
X
X
1000 per reel
HCPL-050L -000E
no option
SO-8
100 per tube
HCPL-053L -500E
-500
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-253L-560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with
IEC/EN/DIN EN 60747-5-2 Safety Approval and RoHS compliant.
Example 2:
HCPL-253L to order product of 300 mil DIP package in Tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com