Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL270L Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL270L
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL270L Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL270L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
These high gain series couplers use
a Light Emitting Diode and an
integrated high gain photodetector
to provide extremely high current
transfer ratio between input and
output. Separate pins for the
photodiode and output stage result
in LVTTL compatible saturation
voltages and high speed operation.
Where desired, the VCC and VO
terminals may be tied together to
achieve conventional photo-
Agilent HCPL-270L/ 070L/273L/073L
Low Input Current High Gain
LVTTL/LVCMOS Compatible
3.3 V Optocouplers
Data Sheet
Features
• Low power consumption
• High current transfer ratio
• Low input current requirements –
0.5 mA
• LVTTL/LVCMOS compatible output
• Performance guaranteed over
temperature 0˚C to +70˚C
• Base access allows gain
bandwidth adjustment
• High output current – 60 mA
• Safety approval, UL, VDE, CSA
(pending)
Applications
• Ground isolate most logic
families – LVTTL/LVCMOS
• Low input current line receiver
• High voltage insulation
• EIA RS-232C line receiver
• Telephone ring detector
• 117 V AC line voltage status
indicator – low input power
dissipation
• Low power systems – ground
isolation
Functional Diagram
A 0.1
µF bypass capacitor connected between pins 8 and 5 is recommended.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent
damage and/or degradation which may be induced by ESD.
darlington operation. A base
access terminal allows a gain
bandwidth adjustment to be
made.
These optocouplers are for use in
LVTTL/LVCMOS or other low
power applications. A 400%
minimum current transfer ratio is
guaranteed over 0 to +70˚C
operating range for only 0.5 mA
of LED current.
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
VO
GND
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
VB
VO2
VO1
VCC
GND
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
7
5
6
8
2
3
4
1
SHIELD
HCPL-270L/070L
HCPL-273L/073L


Similar Part No. - HCPL270L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2730 HP-HCPL2730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL2730 FAIRCHILD-HCPL2730 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2730 FAIRCHILD-HCPL2730 Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
Low current ??0.5mA
More results

Similar Description - HCPL270L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com