Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL270L Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL270L
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL270L Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL270L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL270L Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 1. Current transfer ratio vs. forward
current.
Figure 2. Output current vs. input diode
forward current.
Figure 3. Input diode forward current vs.
forward voltage.
Figure 4. Forward voltage vs. temperature.
1.6
1.5
1.4
1.3
-60
-20
20
40
100
TA – TEMPERATURE – °C
60
80
0
-40
1.2
IF = 1.6 mA
IF – INPUT DIODE FORWARD CURRENT – mA
0.01
0.01
0.1
10
0.1
1.0
10
100
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
1
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
–
VF
+
TA = 25°C
TA = 0°C
IF
TA = 85°C
TA = 70°C
TA = -40°C
IF – FORWARD CURRENT – mA
2000
1600
800
400
0.1
1.0
10
1200
0
VCC = 3.3 V
VO = 0.4 V
85°C
70°C
25°C
70°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com