Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P341 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-P341 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-P341
Download  ACPL-P341 Download
File Size   276.52 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail

ACPL-P341 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-P341 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P341
Download  ACPL-P341 Click to download

File Size   276.52 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail

ACPL-P341 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-P341 Product details

Description

The ACPL-P341/W341 contains an AlGaAs LED, which is optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications.



Features

• 3.0 A maximum peak output current

• 2.5 A minimum peak output current

• Rail-to-rail output voltage

• 200 ns maximum propagation delay

• 100 ns maximum propagation delay difference

• LED current input with hysteresis

• 35 kV/µs minimum Common Mode Rejection (CMR) at VCM= 1500 V

• ICC= 3.0 mA maximum supply current

• Under Voltage Lock-Out protection (UVLO) with hysteresis

• Wide operating VCC Range: 15 to 30 V

• Industrial temperature range: -40° C to 105° C

• Safety Approval:

–  UL Recognized 3750/5000 VRMS for 1 min.

– CSA

–  IEC/EN/DIN EN 60747-5-2 VIORM= 891/1140 Vpeak



Applications

• IGBT/MOSFET gate drive

• AC and Brushless DC motor drives

• Renewable energy inverters

• Industrial inverters

Switching power supplies




Similar Part No. - ACPL-P341

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P341-000E AVAGO-ACPL-P341-000E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P341-060E AVAGO-ACPL-P341-060E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P341-500E AVAGO-ACPL-P341-500E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P341-560E AVAGO-ACPL-P341-560E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - ACPL-P341

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com