Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-P340 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-P340 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-P340
Download  ACPL-P340 Download
File Size   275.48 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6

ACPL-P340 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-P340 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P340
Download  ACPL-P340 Click to download

File Size   275.48 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6

ACPL-P340 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-P340 Product details

Description

The ACPL-P340/W340 contains an AlGaAs LED, which is optically coupled to an integrated circuit with a power output stage. This optocoupler is ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate controlled devices. The voltage and high peak output current supplied by this optocoupler make it ideally suited for direct driving IGBT with ratings up to 1200 V / 50 A. For IGBTs with higher ratings, this optocoupler can be used to drive a discrete power stage which drives the IGBT gate. The ACPL-P340 and ACPL-W340 have the highest insulation voltage of VIORM = 891 Vpeak and VIORM = 1140 Vpeak respectively in the IEC/ EN/DIN EN 60747-5-2.



Features

1.0 A maximum peak output current

0.8 A minimum peak output current

Rail-to-rail output voltage

200 ns maximum propagation delay

100 ns maximum propagation delay difference

LED current input with hysteresis

35 kV/s minimum Common Mode Rejection (CMR) at VCM = 1500 V

ICC = 3.0 mA maximum supply current

Under Voltage Lock-Out protection (UVLO) with hysteresis

Wide operating VCC Range: 15 to 30 V

Industrial temperature range: -40° C to 105° C

Safety Approval:

  – UL Recognized 3750/5000 VRMS for 1 min.

  – CSA

  – IEC/EN/DIN EN 60747-5-2 VIORM = 891/1140 Vpeak



Applications

IGBT/MOSFET gate drive

AC and Brushless DC motor drives

Renewable energy inverters

Industrial inverters

Switching power supplies




Similar Part No. - ACPL-P340

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
1.0A maximum peak output current
More results


Similar Description - ACPL-P340

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-P341 AVAGO-ACPL-P341 Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P347 AVAGO-ACPL-P347 Datasheet
312Kb / 14P
1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
Broadcom Corporation.
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P347 BOARDCOM-ACPL-P347 Datasheet
900Kb / 16P
1.0-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com