Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R002-0.5 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

PBV-R002-0.5 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # PBV-R002-0.5
Download  PBV-R002-0.5 Download
File Size   651.32 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Isolated Sigma-Delta Modulator 10 MHz internal clock

PBV-R002-0.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBV-R002-0.5 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R002-0.5
Download  PBV-R002-0.5 Click to download

File Size   651.32 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Isolated Sigma-Delta Modulator 10 MHz internal clock

PBV-R002-0.5 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


PBV-R002-0.5 Product details

Description
The ACPL-7970 is a 1-bit, second-order sigma-delta (∑-∆) modulator converts an analog input signal into a high-speed data stream with galvanic isolation based on optical coupling technology. The ACPL-7970 operates from a 5 V power supply with dynamic range of 78 dB with an appropriate digital flter. The differential inputs of ±200 mV (full scale ±320 mV) are ideal for direct connection to shunt resistors or other low-level signal sources in applications such as motor phase current measurement.

Features
•  10 MHz internal clock
•  1-bit, second-order sigma-delta modulator
•  16 bits resolution no missing codes (12 bits ENOB)
•  78 dB SNR
•  6 mV/°C maximum offset drift
•  ±1% maximum gain error
•  Internal reference voltage
•  ±200 mV linear range with single 5 V supply (±320 mV full scale)
•  3 V to 5.5 V wide supply range for digital interface
•  -40° C to +105° C operating temperature range
•  25 kV/ms common-mode transient immunity
•  Safety and regulatory approvals:
    – IEC/EN/DIN EN 60747-5-5: 891 Vpeak working insulation voltage
    – UL 1577: 5000 Vrms/1min isolation voltage
    – CSA: Component Acceptance Notice #5

Applications
•  Motor phase and rail current sensing
•  Power inverter current and voltage sensing
•  Industrial process control
•  Data acquisition systems
•  General purpose current and voltage sensing
•  Traditional current transducer replacements




Similar Part No. - PBV-R002-0.5

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
logo
Isabellenhütte Heu...
PBV-R001-F1-1.0 ISABELLENHUETTE-PBV-R001-F1-1.0 Datasheet
844Kb / 4P
Precision resistors
More results


Similar Description - PBV-R002-0.5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com