Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R002-0.5 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R002-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R002-0.5 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button PBV-R002-0.5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Typical Performance Plots
Unless otherwise noted, TA = 25° C, VDD1 = 5 V, VDD2 = 5 V, VIN+ = –200 mV to +200 mV, and VIN– = 0 V, with Sinc3 filter,
256 decimation ratio.
Figure 5. Offset change vs. temperature.
Figure 6. VREF change vs. temperature
Figure 7. Input current vs. input voltage.
Figure 8. SNR vs. temperature.
Figure 9. SNDR vs. temperature.
Figure 10. IDD1 vs. VIN DC input at various temperatures.
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
305
310
315
320
325
330
335
-55
-35
-15
5
25
45
65
85
105 125
Temperature (°C)
-30
-20
-10
0
10
20
30
-400 -320 -240 -160 -80
0
80
160 240 320 400
VIN+ (mV)
66
68
70
72
74
76
78
80
82
84
86
-55
-35
-15
5
25
45
65
85
105 125
Temperature (°C)
66
68
70
72
74
76
78
80
82
84
86
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
-400
-300 -200
-100
0
100
200
300
400
VIN (mV)
25° C
-40° C
105° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com