Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R002-0.5 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # PBV-R002-0.5
Description  Optically Isolated Sigma-Delta Modulator 10 MHz internal clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PBV-R002-0.5 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button PBV-R002-0.5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED PBV-R002-0.5 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Analog Input
The differential analog inputs of the ACPL-7970 are im-
plemented with a fully-differential, switched-capacitor
circuit. The ACPL-7970 accepts signal of ±200 mV (full
scale ±320 mV), which is ideal for direct connection to
shunt based current sensing or other low-level signal
sources applications such as motor phase current mea-
surement. An internal voltage reference determines the
full-scale analog input range of the modulator (±320 mV);
an input range of ±200 mV is recommended to achieve
optimal performance. Users are able to use higher input
range, for example ±250 mV, as long as within full-scale
range, for purpose of over-current or overload detection.
Figure 14 shows the simplified equivalent circuit of the
analog input.
In the typical application circuit (Figure 19), the ACPL-7970
is connected in a single-ended input mode. Given the
fully differential input structure, a differential input con-
nection method (balanced input mode as shown in Figure
15) is recommended to achieve better performance. The
input currents created by the switching actions on both of
the pins are balanced on the filter resistors and cancelled
out each other. Any noise induced on one pin will be
coupled to the other pin by the capacitor C and creates
only common mode noise which is rejected by the device.
Typical values for Ra (= Rb) and C are 22
Ω and 10 nF re-
spectively.
Latch-up Consideration
Latch-up risk of CMOS devices needs careful consider-
ation, especially in applications with direct connection to
signal source that is subject to frequent transient noise.
The analog input structure of the ACPL-7970 is designed
to be resilient to transients and surges, which are often
encountered in highly noisy application environments
such as motor drive and other power inverter systems.
Other situations could cause transient voltages to the
inputs include short circuit and overload conditions. The
ACPL-7970 is tested with DC voltage of up to -2 V and
2-second transient voltage of up to -6 V to the analog
inputs with no latch-up or damage to the device.
Modulator Data Output
Input signal information is contained in the modulator
output data stream, represented by the density of ones
and zeros. The density of ones is proportional to the input
signal voltage, as shown in Figure 16. A differential input
signal of 0 V ideally produces a data stream of ones and
zeros in equal densities. A differential input of -200 mV
corresponds to 18.75% density of ones, and a differen-
tial input of +200 mV is represented by 81.25% density of
ones in the data stream. A differential input of +320 mV or
higher results in ideally all ones in the data stream, while
input of -320 mV or lower will result in all zeros ideally.
Table 5 shows this relationship.
Figure 14. Analog input equivalent circuit.
Figure 15. Simplified differential input connection diagram.
200
Ω (TYP)
3 pF (TYP)
3 pF (TYP)
fSWITCH
= MCLK
VIN+
VIN–
200
Ω (TYP)
1.5 pF
1.5 pF
COMMON MODE
VOLTAGE
fSWITCH
= MCLK
ANALOG
GROUND
ACPL-7970
5 V
+Analog Input
–Analog Input
Ra
Rb
C
VIN+
VIN–
VDD1
GND1
–FS (ANALOG INPUT)
+FS (ANALOG INPUT)
0 V (ANALOG INPUT)
TIME
MODULATOR OUTPUT
ANALOG INPUT
Figure 16. Modulator output vs. analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com