Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3245SE Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B3245SE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B3245SE
Download  PI3B3245SE Download
File Size   672.61 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM

PI3B3245SE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B3245SE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B3245SE
Download  PI3B3245SE Click to download

File Size   672.61 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM

PI3B3245SE Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B3245SE Product details

Description
Pericom Semiconductor’s PI3B3245 is a 3.3V 8-bit, 2-port bus switch designed with a low On-Resistance (5-ohm) allowing inputs to be connected directly to outputs. The bus switch creates no additional propagational delay or additional ground bounce noise. The switches are turned ON by the Bus Enable (BE) input signal.

Features
➤ Near-Zero propagation delay
➤ 5-ohm switches connect inputs to outputs
➤ Fast Switching Speed: 4.5ns (max.)
➤ Ultra-Low Quiescent Power (0.2μA Typical)
    □ Ideally suited for notebook applications
➤ TTL-compatible control of inputs levels
➤ ESD protection (2kV Human Body Model and 200V Machine Model)
➤ Packaging (Pb-free & Green):
    □ 20-pin QSOP (Q)
    □ 20-pin TSSOP (L)
    □ 20-pin SOIC (S)




Similar Part No. - PI3B3245SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3245SE PERICOM-PI3B3245SE Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3B3245SE PERICOM-PI3B3245SE Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results


Similar Description - PI3B3245SE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3B3244 PERICOM-PI3B3244 Datasheet
186Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3B3244 PERICOM-PI3B3244_10 Datasheet
616Kb / 4P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PI3B3245 PERICOM-PI3B3245_10 Datasheet
672Kb / 5P
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com