Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-L9637D Datasheet (PDF) - STMicroelectronics

E-L9637D Datasheet PDF - STMicroelectronics
Part # E-L9637D
Download  E-L9637D Download
File Size   179.37 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Monolithic bus driver with ISO 9141 interface

E-L9637D Datasheet (PDF)

Go To PDF Page Download Datasheet
E-L9637D Datasheet PDF - STMicroelectronics

Part # E-L9637D
Download  E-L9637D Click to download

File Size   179.37 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Monolithic bus driver with ISO 9141 interface

E-L9637D Datasheet (HTML) - STMicroelectronics


E-L9637D Product details

Description
The L9637 is a monolithic integrated circuit containing standard ISO 9141 compatible interface functions.

Features
■ Operating power supply voltage range
   4.5 V ≤ VS ≤ 36 V (40 V for transients)
■ Reverse supply (battery) protected down to
   VS ≥ -24 V
■ Standby mode with very low current
   consumption ISSB ≤ 1 mA @ VCC ≤ 0.5 V
■ Low quiescent current in off condition
   ISOFF = 120 µA
■ TTL compatible TX input
■ Bidirectional K-I/O pin with supply voltage
   dependent input threshold
■ Overtemperature shut down function Selective
   to K-I/O pin
■ Wide input and output voltage range
   -24 V ≤ VK ≤ VS
■ K output current limitation, typ. IK = 60 mA
■ Defined OFF output status in undervoltage
   condition and VS or GND interruption
■ Controlled output slope for low EMI
■ High input impedance for open VS or GND
   connection
■ Defined output ON status of LO or RX for open
   LI or K inputs
■ Defined K output OFF for TX input open
■ Integrated pull up resistors for TX, RX and LO
■ EMI robustness optimized




Similar Part No. - E-L9637D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
E-L9637D013TR STMICROELECTRONICS-E-L9637D013TR Datasheet
205Kb / 15P
Monolithic bus driver with ISO 9141 interface
20-Sep-2013
More results


Similar Description - E-L9637D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8577C PHILIPS-PCF8577C Datasheet
175Kb / 28P
LCD direct/duplex driver with I2C-bus interface
1998 Jul 30
SAA1064 PHILIPS-SAA1064 Datasheet
129Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
logo
STMicroelectronics
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
ISO 9141 INTERFACE
Dec-1998
logo
Renesas Technology Corp
HA12240FP RENESAS-HA12240FP Datasheet
163Kb / 24P
Bus Interface Driver/Receiver IC
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
ISO 9141 INTERFACE
Sep-2002
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
Renesas Technology Corp
HA12187FP RENESAS-HA12187FP Datasheet
249Kb / 22P
Bus Interface Driver/Receiver IC
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
Automotive ISO 9141 Serial Link Driver
logo
NXP Semiconductors
SAA1064TD-T NXP-SAA1064TD-T Datasheet
115Kb / 19P
4-digit LED-driver with I2C-Bus interface
February 1991
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com