Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX700GS Datasheet (PDF) - Motorola, Inc

MPX700GS Datasheet PDF - Motorola, Inc
Part # MPX700GS
Download  MPX700GS Download
File Size   175.89 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)

MPX700GS Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX700GS Datasheet PDF - Motorola, Inc

Part # MPX700GS
Download  MPX700GS Click to download

File Size   175.89 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)

MPX700GS Datasheet (HTML) - Motorola, Inc


MPX700GS Product details

0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)



The MPX700 series device is a silicon piezoresistive pressure sensor providing a very accurate and linear voltage output — directly proportional to the applied pressure. This standard, low cost, uncompensated sensor permits manufacturers to design and add their own external temperature compensating and signal conditioning networks. Compensation techniques are simplified because of the predictability of Motorola’s single element strain gauge design.



Features

• Low Cost

• Patented, Silicon Shear Stress Strain Gauge Design

• Linearity to ± 0.5% (Max) Linearity

• Easy to Use Chip Carrier Package Options

• Ratiometric to Supply Voltage

• 60 mV Span (Typ)

• Absolute, Differential and Gauge Options



Application Examples

• Environmental Control Systems

• Pneumatic Control Systems

• Appliances

• Automotive Performance Controls

• Medical Instrumentation

• Industrial Controls



 




Similar Part No. - MPX700GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX7025GC6U/C6T1 FREESCALE-MPX7025GC6U/C6T1 Datasheet
125Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Motorola, Inc
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050D MOTOROLA-MPX7050D Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050DP MOTOROLA-MPX7050DP Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050GP MOTOROLA-MPX7050GP Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results


Similar Description - MPX700GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com