Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX700GS Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPX700GS
Description  0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX700GS Datasheet(HTML) 1 Page - Motorola, Inc

  MPX700GS Datasheet HTML 1Page - Motorola, Inc MPX700GS Datasheet HTML 2Page - Motorola, Inc MPX700GS Datasheet HTML 3Page - Motorola, Inc MPX700GS Datasheet HTML 4Page - Motorola, Inc MPX700GS Datasheet HTML 5Page - Motorola, Inc MPX700GS Datasheet HTML 6Page - Motorola, Inc MPX700GS Datasheet HTML 7Page - Motorola, Inc MPX700GS Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
700 kPa
Uncompensated
Silicon Pressure Sensors
The MPX700 series device is a silicon piezoresistive pressure sensor providing a very
accurate and linear voltage output — directly proportional to the applied pressure. This
standard, low cost, uncompensated sensor permits manufacturers to design and add
their own external temperature compensating and signal conditioning networks.
Compensation techniques are simplified because of the predictability of Motorola’s single
element strain gauge design.
Features
• Low Cost
• Patented, Silicon Shear Stress Strain Gauge Design
• Linearity to ± 0.5% (Max) Linearity
• Easy to Use Chip Carrier Package Options
• Ratiometric to Supply Voltage
• 60 mV Span (Typ)
• Absolute, Differential and Gauge Options
Application Examples
• Environmental Control Systems
• Pneumatic Control Systems
• Appliances
• Automotive Performance Controls
• Medical Instrumentation
• Industrial Controls
Figure 1 illustrates a schematic of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Uncompensated Pressure Sensor Schematic
PIN 3
X–ducer
PIN 2
PIN 4
+ Vout
– Vout
+ VS
PIN 1
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the X–ducer is directly proportional to the differential
pressure applied.
The absolute sensor has a built–in reference vacuum. The output voltage will decrease
as vacuum, relative to ambient, is drawn on the pressure (P1) side.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure (P1) side relative to the vacuum (P2) side. Similarly,
output voltage increases as increasing vacuum is applied to the vacuum (P2) side
relative to the pressure (P1) side. This sensor is designed for applications where P1 is
always greater than, or equal to P2.
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPX700/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
BASIC CHIP
CARRIER ELEMENT
CASE 344–15, STYLE 1
DIFFERENTIAL
PORT OPTION
CASE 344C–01, STYLE 1
MPX700
SERIES
0 to 700 kPa (0 – 100 psi)
60 mV FULL SCALE SPAN
(TYPICAL)
NOTE: Pin 1 is the notched pin.
PIN NUMBER
1
2
Gnd
+Vout
3
4
VS
–Vout
REV 5


Similar Part No. - MPX700GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX7025GC6U/C6T1 FREESCALE-MPX7025GC6U/C6T1 Datasheet
125Kb / 12P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Motorola, Inc
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050D MOTOROLA-MPX7050D Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050DP MOTOROLA-MPX7050DP Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7050GP MOTOROLA-MPX7050GP Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPX700GS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7100 MOTOROLA-MPX7100 Datasheet
193Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com