Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9313ZP Datasheet (PDF) - Intersil Corporation

X9313ZP Datasheet PDF - Intersil Corporation
Part # X9313ZP
Download  X9313ZP Download
File Size   284.26 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC

X9313ZP Datasheet (PDF)

Go To PDF Page Download Datasheet
X9313ZP Datasheet PDF - Intersil Corporation

Part # X9313ZP
Download  X9313ZP Click to download

File Size   284.26 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC

X9313ZP Datasheet (HTML) - Intersil Corporation


X9313ZP Product details

Digitally Controlled Potentiometer (XDCP™)

The Intersil X9313 is a digitally controlled potentiometer (XDCP). The device consists of a resistor array, wiper switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.

Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
    - Wiper position stored in nonvolatile memory and recalled on power-up
• 31 resistive elements
    - Temperature compensated
    - End to end resistance range ± 20%
    - Terminal voltages, -5V to +5V
• Low power CMOS
    - VCC = 3V or 5V
    - Active current, 3mA max.
    - Standby current, 500µA max.
• High reliability
    - Endurance, 100,000 data changes per bit
    - Register data retention, 100 years
• RTOTAL values = 1kΩ, 10kΩ, 50kΩ
• Packages
    - 8 Ld SOIC, MSOP and DIP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9313ZP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313ZP XICOR-X9313ZP Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313ZP INTERSIL-X9313ZP Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313ZP INTERSIL-X9313ZP Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313ZP-3 INTERSIL-X9313ZP-3 Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
logo
Xicor Inc.
X9313ZP3 XICOR-X9313ZP3 Datasheet
50Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
More results


Similar Description - X9313ZP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
Terminal Voltage -5V, 32 Taps, Log Taper
September 15, 2005
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
Low Noise, Low Power, 3 wire Up/Down, 32 Taps
November 21, 2007
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
logo
Mallory performance clu...
PMO-4530PN-47UQ MALLORY-PMO-4530PN-47UQ Datasheet
107Kb / 1P
Sensitivity Range -47 짹 3 dB RL = 2.2 k Vcc = 2.0v
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com