Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HT010W Datasheet (PDF) - Intersil Corporation

X28HT010W Datasheet PDF - Intersil Corporation
Part # X28HT010W
Download  X28HT010W Download
File Size   446.1 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Protects data against system level inadvertent writes

X28HT010W Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HT010W Datasheet PDF - Intersil Corporation

Part # X28HT010W
Download  X28HT010W Click to download

File Size   446.1 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Protects data against system level inadvertent writes

X28HT010W Datasheet (HTML) - Intersil Corporation


X28HT010W Product details

The Intersil X28C010/X28HT010 is a 128K x 8 EEPROM, fabricated with Intersils proprietary, high performance, floating gate CMOS technology. Like all Intersil programmable non-volatile memories, the X28C010/X28HT010 is a 5V only device. The X28C010/X28HT010 features the JEDEC approved pin out for byte-wide memories, compatible with industry standard EEPROMs.



Features

• Access time: 120ns

• Simple byte and page write

   - Single 5V supply

   - No external high voltages or VPP control circuits

   - Self-timed

      • No erase before write

      • No complex programming algorithms

      • No overerase problem

• Low power CMOS

   - Active: 50mA

   - Standby: 500µA

• Software data protection

   - Protects data against system level inadvertent writes

• High speed page write capability

• Highly reliable Direct Write™ cell

   - Endurance: 100,000 write cycles

   - Data retention: 100 years

• Early end of write detection

   - DATA polling

   - Toggle bit polling

• X28HT010 is fuly functional @ +175°C



 




Similar Part No. - X28HT010W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HT010W INTERSIL-X28HT010W Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Renesas Technology Corp
X28HT010W RENESAS-X28HT010W Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
More results


Similar Description - X28HT010W

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
FEP-1600 LVL1-FEP-1600 Datasheet
495Kb / 4P
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FEP-1601 LVL1-FEP-1601 Datasheet
389Kb / 4P
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
GNC-0105T LVL1-GNC-0105T Datasheet
521Kb / 4P
10/100/1000Mbps wire speed transmission and reception IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
logo
Gennum Corporation
0512TQ GENNUM-0512TQ Datasheet
2Mb / 13P
Protects Two High-Speed Data Lines
2451ZA GENNUM-2451ZA Datasheet
268Kb / 8P
Protects one high speed data line
logo
Micross Components
AS29LV016D MICROSS-AS29LV016D Datasheet
374Kb / 40P
Superior inadvertent write protection
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
Protects one data, control or power line
logo
List of Unclassifed Man...
XE201 ETC2-XE201 Datasheet
1Mb / 4P
Advanced data integrity protects against silent data corruption
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com