Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HT010W Datasheet (PDF) - Renesas Technology Corp

X28HT010W Datasheet PDF - Renesas Technology Corp
Part # X28HT010W
Download  X28HT010W Download
File Size   823.93 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, Byte Alterable EEPROM

X28HT010W Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HT010W Datasheet PDF - Renesas Technology Corp

Part # X28HT010W
Download  X28HT010W Click to download

File Size   823.93 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, Byte Alterable EEPROM

X28HT010W Datasheet (HTML) - Renesas Technology Corp


X28HT010W Product details

Features
• Access time: 120ns
• Simple byte and page write
- Single 5V supply
- No external high voltages or VPP control
circuits
- Self-timed
• No erase before write
• No complex programming algorithms
• No overerase problem
• Low power CMOS
- Active: 50mA
- Standby: 500μA
• Software data protection
- Protects data against system level inadvertent writes
• High speed page write capability
• Highly reliable Direct Write™ cell
- Endurance: 100,000 write cycles
- Data retention: 100 years
• Early end of write detection
- DATA polling
- Toggle bit polling
• X28HT010 is fuly functional @ +175°C




Similar Part No. - X28HT010W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HT010W INTERSIL-X28HT010W Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
X28HT010W INTERSIL-X28HT010W Datasheet
446Kb / 20P
Protects data against system level inadvertent writes
February 12, 2007
More results


Similar Description - X28HT010W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28C512 INTERSIL-X28C512 Datasheet
599Kb / 25P
5V, Byte Alterable EEPROM
September 29, 2005
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
5V, Byte Alterable EEPROM
June 7, 2006
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
5V, Byte Alterable EEPROM
May 7, 2007
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
5V, Byte Alterable EEPROM
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
5 Volt, Byte Alterable EEPROM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com