Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C010 Datasheet (PDF) - Intersil Corporation

X28C010 Datasheet PDF - Intersil Corporation
Part # X28C010
Download  X28C010 Download
File Size   617.02 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5 Volt, Byte Alterable EEPROM

X28C010 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28C010 Datasheet PDF - Intersil Corporation

Part # X28C010
Download  X28C010 Click to download

File Size   617.02 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5 Volt, Byte Alterable EEPROM

X28C010 Datasheet (HTML) - Intersil Corporation


X28C010 Product details

The Intersil X28C010/X28HT010 is a 128K x 8 EEPROM, fabricated with Intersils proprietary, high performance, floating gate CMOS technology. Like all Intersil programmable non-volatile memories, the X28C010/X28HT010 is a 5V only device. The X28C010/X28HT010 features the JEDEC approved pin out for byte-wide memories, compatible with industry standard EEPROMs.



Features

• Access time: 120ns

• Simple byte and page write

   - Single 5V supply

   - No external high voltages or VPP control circuits

   - Self-timed

      • No erase before write

      • No complex programming algorithms

      • No overerase problem

• Low power CMOS

   - Active: 50mA

   - Standby: 500µA

• Software data protection

   - Protects data against system level inadvertent writes

• High speed page write capability

• Highly reliable Direct Write™ cell

   - Endurance: 100,000 write cycles

   - Data retention: 100 years

• Early end of write detection

   - DATA polling

   - Toggle bit polling

• X28HT010 is fuly functional @ +175°C



 




Similar Part No. - X28C010

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Renesas Technology Corp
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Xicor Inc.
X28C010D-12 XICOR-X28C010D-12 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010D-12 INTERSIL-X28C010D-12 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
More results


Similar Description - X28C010

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
5 Volt, Byte Alterable EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com