Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS28C010 Datasheet (PDF) - Austin Semiconductor

AS28C010 Datasheet PDF - Austin Semiconductor
Part # AS28C010
Download  AS28C010 Download
File Size   306.46 Kbytes
Page   14 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable

AS28C010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS28C010 Datasheet PDF - Austin Semiconductor

Part # AS28C010
Download  AS28C010 Click to download

File Size   306.46 Kbytes
Page   14 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable

AS28C010 Datasheet (HTML) - Austin Semiconductor


AS28C010 Product details

GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS28C010 is a 1 Megabit CMOS Electrically Erasable Programmable Read Only Memory (EEPROM) organized as 131, 072 x 8 bits. The AS28C010 is capable of in system electrical Byte and Page reprogrammability.

FEATURES
• Access speed: 120, 150, 200, and 250ns
• Data Retention: 100 Years
• Low power, active current: 50mA, standby current: 500uA
• Single +5V (+10%) power supply
• Data Polling and Toggle
• Erase/Write Endurance (10,000 byte mode / 100,000 page mode)
• Software Data protection Algorithm
• Automatic , Self-Timed Byte Write
• Automatic Programming: Automatic Page Write: 10ms (MAX)




Similar Part No. - AS28C010

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS28C010 MICROSS-AS28C010 Datasheet
307Kb / 15P
Hardware Data Protection
More results


Similar Description - AS28C010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
logo
Austin Semiconductor
AS58C1001 AUSTIN-AS58C1001_02 Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001 AUSTIN-AS58C1001_08 Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
June 27, 2016
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
5 Volt, Byte Alterable EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com