Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HC64 Datasheet (PDF) - Renesas Technology Corp

X28HC64 Datasheet PDF - Renesas Technology Corp
Part # X28HC64
Download  X28HC64 Download
File Size   784.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM

X28HC64 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HC64 Datasheet PDF - Renesas Technology Corp

Part # X28HC64
Download  X28HC64 Click to download

File Size   784.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM

X28HC64 Datasheet (HTML) - Renesas Technology Corp


X28HC64 Product details

64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM

The X28HC64 is an 8k x 8 EEPROM, fabricated with Intersil’s proprietary, high performance, floating gate CMOS technology. Like all Intersil programmable nonvolatile memories, the X28HC64 is a 5V only device. It features the JEDEC approved pinout for byte-wide memories, compatible with industry standard RAMs.

Features
• 70ns access time
• Simple byte and page write
    - Single 5V supply
    - No external high voltages or VP-P control circuits
    - Self-timed
    - No erase before write
    - No complex programming algorithms
    - No overerase problem
• Low power CMOS
    - 40mA active current maximum
• 200µA standby current maximum
• Fast write cycle times
    - 64-byte page write operation
    - Byte or page write cycle: 2ms typical
    - Complete memory rewrite: 0.25s typical
    - Effective byte write cycle time: 32µs typical
• Software data protection
• End of write detection
    - DATA polling
    - Toggle bit
• High reliability
    - Endurance: 100,000 cycles
    - Data retention: 100 years
• JEDEC approved byte-wide pinout
• Pb-free available (RoHS compliant)




Similar Part No. - X28HC64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
X28HC64 INTERSIL-X28HC64 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
X28HC64 INTERSIL-X28HC64 Datasheet
396Kb / 18P
5 Volt, Byte Alterable EEPR
August 18, 2015
More results


Similar Description - X28HC64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
5 Volt, Byte Alterable EEPROM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com