Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HC64 Datasheet (PDF) - Xicor Inc.

X28HC64 Datasheet PDF - Xicor Inc.
Part # X28HC64
Download  X28HC64 Download
File Size   112.74 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5 Volt, Byte Alterable E2PROM

X28HC64 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HC64 Datasheet PDF - Xicor Inc.

Part # X28HC64
Download  X28HC64 Click to download

File Size   112.74 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5 Volt, Byte Alterable E2PROM

X28HC64 Datasheet (HTML) - Xicor Inc.


X28HC64 Product details

DESCRIPTION

The X28HC64 is an 8K x 8 E2PROM, fabricated with Xicor’s proprietary, high performance, floating gate CMOS technology. Like all Xicor programmable nonvolatile memories the X28HC64 is a 5V only device. The X28HC64 features the JEDEC approved pinout for byte wide memories, compatible with industry standard RAMs.



FEATURES

• 55ns Access Time

• Simple Byte and Page Write

  —Single 5V Supply

    —No External High Voltages or VPP Control Circuits

  —Self-Timed

    —No Erase Before Write

    —No Complex Programming Algorithms

    —No Overerase Problem

• Low Power CMOS

  —40 mA Active Current Max.

  —200 µA Standby Current Max.

• Fast Write Cycle Times

  —64 Byte Page Write Operation

  —Byte or Page Write Cycle: 2ms Typical

  —Complete Memory Rewrite: 0.25 sec. Typical

  —Effective Byte Write Cycle Time: 32µs Typical

• Software Data Protection

• End of Write Detection

  —DATA Polling

  —Toggle Bit

• High Reliability

  —Endurance: 100,000 Cycles

  —Data Retention: 100 Years

• JEDEC Approved Byte-Wide Pinout



 




Similar Part No. - X28HC64

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
X28HC64 INTERSIL-X28HC64 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
June 27, 2016
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
396Kb / 18P
5 Volt, Byte Alterable EEPR
August 18, 2015
More results


Similar Description - X28HC64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com