Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HC64 Datasheet (PDF) - Intersil Corporation

X28HC64 Datasheet PDF - Intersil Corporation
Part # X28HC64
Download  X28HC64 Download
File Size   396.89 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5 Volt, Byte Alterable EEPR

X28HC64 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HC64 Datasheet PDF - Intersil Corporation

Part # X28HC64
Download  X28HC64 Click to download

File Size   396.89 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5 Volt, Byte Alterable EEPR

X28HC64 Datasheet (HTML) - Intersil Corporation


X28HC64 Product details

5 Volt, Byte Alterable EEPROM
The X28HC64 is an 8K x 8 EEPROM, fabricated with Intersil’s
proprietary, high performance, floating gate CMOS
technology. Like all Intersil programmable nonvolatile
memories, the X28HC64 is a 5V only device. It features the
JEDEC approved pinout for byte-wide memories, compatible
with industry standard RAMs.
The X28HC64 supports a 64-byte page write operation,
effectively providing a 32µs/byte write cycle, and enabling the
entire memory to be typically written in 0.25 seconds. The
X28HC64 also features DATA Polling and Toggle Bit Polling,
two methods providing early end of write detection. In addition,
the X28HC64 includes a user-optional software data protection
mode that further enhances Intersil’s hardware write protect
capability.
Intersil EEPROMs are designed and tested for applications
requiring extended endurance. Inherent data retention is
greater than 100 years.

Features
• 70ns access time
• Simple byte and page write
- Single 5V supply
- No external high voltages or VPP control circuits
- Self-timed
- No erase before write
- No complex programming algorithms
- No overerase problem
• Low power CMOS
- 40mA active current max.
• 200µA standby current max.
• Fast write cycle times
- 64-byte page write operation
- Byte or page write cycle: 2ms typical
- Complete memory rewrite: 0.25 sec. typical
- Effective byte write cycle time: 32µs typical
• Software data protection
• End of write detection
- DATA polling
- Toggle bit
• High reliability
- Endurance: 100000 cycles
- Data retention: 100 years
• JEDEC approved byte-wide pin out
• Pb-free available (RoHS compliant)




Similar Part No. - X28HC64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC64 INTERSIL-X28HC64 Datasheet
257Kb / 17P
5 Volt, Byte Alterable EEPROM
June 7, 2006
X28HC64 INTERSIL-X28HC64 Datasheet
363Kb / 17P
5 Volt, Byte Alterable EEPROM
August 28, 2009
logo
Renesas Technology Corp
X28HC64 RENESAS-X28HC64 Datasheet
784Kb / 18P
64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
June 27, 2016
More results


Similar Description - X28HC64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
5 Volt, Byte Alterable EEPROM
June 1, 2005
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
5 Volt, Byte Alterable EEPROM
May 17, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com