Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28VC256 Datasheet (PDF) - Xicor Inc.

X28VC256 Datasheet PDF - Xicor Inc.
Part # X28VC256
Download  X28VC256 Download
File Size   109.71 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5 Volt, Byte Alterable E2PROM

X28VC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28VC256 Datasheet PDF - Xicor Inc.

Part # X28VC256
Download  X28VC256 Click to download

File Size   109.71 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5 Volt, Byte Alterable E2PROM

X28VC256 Datasheet (HTML) - Xicor Inc.


X28VC256 Product details

DESCRIPTION
The X28VC256 is a second generation high performance CMOS 32K x 8 E2PROM. It is fabricated with Xicor’s proprietary, textured poly floating gate technology, providing a highly reliable 5 Volt only nonvolatile memory.

FEATURES
• Access Time: 45ns
• Simple Byte and Page Write
    —Single 5V Supply
    —No External High Voltages or VPP Control Circuits
    —Self-Timed
    —No Erase Before Write
    —No Complex Programming Algorithms
    —No Overerase Problem
• Low Power CMOS:
    —Active: 80mA
    —Standby: 10mA
• Software Data Protection
    —Protects Data Against System Level Inadvertent Writes
• High Speed Page Write Capability
• Highly Reliable Direct Write™ Cell
    —Endurance: 100,000 Write Cycles
    —Data Retention: 100 Years
• Early End of Write Detection
    —DATA Polling
    —Toggle Bit Polling




Similar Part No. - X28VC256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804A XICOR-X2804A Datasheet
212Kb / 8P
ELECTRICALLY ERASBLE PROM
X2804AI XICOR-X2804AI Datasheet
212Kb / 8P
ELECTRICALLY ERASBLE PROM
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2804CP-15 XICOR-X2804CP-15 Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2804CP-20 XICOR-X2804CP-20 Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
More results


Similar Description - X28VC256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com