Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C256 Datasheet (PDF) - Xicor Inc.

X28C256 Datasheet PDF - Xicor Inc.
Part # X28C256
Download  X28C256 Download
File Size   113.1 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5 Volt, Byte Alterable E2PROM

X28C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28C256 Datasheet PDF - Xicor Inc.

Part # X28C256
Download  X28C256 Click to download

File Size   113.1 Kbytes
Page   24 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 5 Volt, Byte Alterable E2PROM

X28C256 Datasheet (HTML) - Xicor Inc.


X28C256 Product details

DESCRIPTION

The X28C256 is an 32K x 8 E2PROM, fabricated with Xicor’s proprietary, high performance, floating gate CMOS technology. Like all Xicor programmable non volatile memories the X28C256 is a 5V only device. The

X28C256 features the JEDEC approved pinout for byte wide memories, compatible with industry standard RAMs.



FEATURES

• Access Time: 200ns

• Simple Byte and Page Write

— Single 5V Supply

—No External High Voltages or VPP Control

Circuits

— Self-Timed

—No Erase Before Write

—No Complex Programming Algorithms

—No Overerase Problem

• Low Power CMOS:

—Active: 60mA

—Standby: 200µA

• Software Data Protection

— Protects Data Against System Level Inadvertent Writes

• High Speed Page Write Capability

• Highly Reliable Direct Write™ Cell

— Endurance: 100,000 Write Cycles

— Data Retention: 100 Years

• Early End of Write Detection

— DATA Polling

—Toggle Bit Polling




Similar Part No. - X28C256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
X28C010 INTERSIL-X28C010 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Renesas Technology Corp
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28C010D INTERSIL-X28C010D Datasheet
617Kb / 23P
5 Volt, Byte Alterable EEPROM
May 11, 2005
More results


Similar Description - X28C256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X2816C XICOR-X2816C Datasheet
72Kb / 16P
5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C512 XICOR-X28C512 Datasheet
126Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com