Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007YML Datasheet (PDF) - Micrel Semiconductor

MIC2007YML Datasheet PDF - Micrel Semiconductor
Part # MIC2007YML
Download  MIC2007YML Download
File Size   1314.62 Kbytes
Page   30 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Fixed and Adjustable Current Limiting Power Distribution Switches

MIC2007YML Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2007YML Datasheet PDF - Micrel Semiconductor

Part # MIC2007YML
Download  MIC2007YML Click to download

File Size   1314.62 Kbytes
Page   30 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Fixed and Adjustable Current Limiting Power Distribution Switches

MIC2007YML Datasheet (HTML) - Micrel Semiconductor


MIC2007YML Product details

General Description

MIC20XX family of switches are current limiting, high-side power switches, designed for general purpose power distribution and control in digital televisions (DTV), printers, set top boxes (STB), PCs, PDAs, and other

peripheral devices.



Features

• 70mΩ typical on-resistance @ 5V

• 170mΩ typical on-resistance @ 5V (MIC2005A)

• Enable active high or active low *

• 2.5V – 5.5V operating range

• Pre-set current limit values of 0.5A, 0.8A, and 1.2A *

• User adjustable current limit from 0.2A to 2.1A *

• Under voltage lock-out (UVLO)

• Variable UVLO allows adjustable UVLO thresholds *

• Automatic load discharge for capacitive loads *

• Soft start prevents large current inrush

• Adjustable slew rate allows custom slew rates *

• Automatic-on output after fault

• Thermal Protection



Applications

• Digital televisions (DTV)

• Set top boxes

• PDAs

• Printers

• USB / IEEE 1394 power distribution

• Desktop and laptop PCs

• Game consoles

• Docking stations




Similar Part No. - MIC2007YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007YML MICREL-MIC2007YML Datasheet
748Kb / 17P
Adjustable Current Limit Power Distribution Switch
MIC2007YML MICREL-MIC2007YML Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2007YML-TR MICROCHIP-MIC2007YML-TR Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Similar Description - MIC2007YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com