Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2007YML Datasheet HTML 1Page - Micrel Semiconductor MIC2007YML Datasheet HTML 2Page - Micrel Semiconductor MIC2007YML Datasheet HTML 3Page - Micrel Semiconductor MIC2007YML Datasheet HTML 4Page - Micrel Semiconductor MIC2007YML Datasheet HTML 5Page - Micrel Semiconductor MIC2007YML Datasheet HTML 6Page - Micrel Semiconductor MIC2007YML Datasheet HTML 7Page - Micrel Semiconductor MIC2007YML Datasheet HTML 8Page - Micrel Semiconductor MIC2007YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
2
M9999-080211-D
Ordering Information
MIC2003/2013
Part Number
(1)
Marking
(2)
Current Limit
Kickstart™
Package
MIC2003-0.5YM5
FD05
0.5A
MIC2003-0.8YM5
FD08
0.8A
MIC2003-1.2YM5
FD12
1.2A
5-Pin SOT-23
MIC2003-0.5YML
5
0
D
0.5A
MIC2003-0.8YML
8
0
D
0.8A
MIC2003-1.2YML
2
1
D
1.2A
No
6-Pin 2mm x 2mm MLF
®
MIC2013-0.5YM5
FL05
0.5A
MIC2013-0.8YM5
FL08
0.8A
MIC2013-1.2YM5
FL12
1.2A
5-Pin SOT-23
MIC2013-0.5YML
5
0
L
0.5A
MIC2013-0.8YML
9
0
L
0.8A
MIC2013-1.2YML
2
1
L
1.2A
Yes
6-Pin 2mm x 2mm MLF
®
MIC2004/2014
Part Number
(1)
Marking
(2)
Current Limit
Kickstart™
Package
MIC2004-0.5YM5
FE05
0.5A
MIC2004-0.8YM5
FE08
0.8A
MIC2004-1.2YM5
FE12
1.2A
5-Pin SOT-23
MIC2004-0.5YML
5
0
E
0.5A
MIC2004-0.8YML
8
0
E
0.8A
MIC2004-1.2YML
2
1
E
1.2A
No
6-Pin 2mm x 2mm MLF
®
MIC2014-0.5YM5
FM05
0.5A
MIC2014-0.8YM5
FM08
0.8A
MIC2014-1.2YM5
FM12
1.2A
5-Pin SOT-23
MIC2014-0.5YML
5
0
M
0.5A
MIC2014-0.8YML
9
0
M
0.8A
MIC2014-1.2YML
2
1
M
1.2A
Yes
6-Pin 2mm x 2mm MLF
®
Notes:
1.
All MIC20XX Family parts are RoHS-compliant lead free.
2.
Over/Under-bar symbol ( ¯ / _ ) may not be to scale. On the package the over/under symbol begins above/below the first character of the
marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com